AT24C04Y1-10YU-18 - DB9 M/F 9C, 6FT DB9 M/F 9C, 12FT. 2-Wire Serial EEPROM 2线串行EEPROM 2-Wire Serial EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 MB 8C 8#12 PIN RECP 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 C50M-C50M CABLE PREMIUM 6-FT 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 MINI D50M TO MINI D50M PR 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 RESISTOR 750OHM 1/16W 5% 0603 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 CONN MODULAR 6PINR.ANG.SEALED CASE 1K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 CAP 150UF 10V 20% TANT SMD-6032-28 TR-7 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle PT 39C 2#16,37#20 SKT PLUG DB25M-DB25M CABLE PREMIUM2-FT MB 39C 37#20 2#16 PIN RECP 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor MB 8C 8#12 SKT RECP PT 55C 55#20 PIN RECP Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:41 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:600V Digital Multimeter; DMM Type:Handheld; Calibrated:No; Frequency Measuring Range:100Hz to 100KHz; Accuracy:0.005; Display Technology:LED RoHS Compliant: NA 122 x 32 pixel format, Compact LCD size B&K Digital Multimeter Accuracy:0.5%; Display Technology:LCD; Frequency Measuring Range:100Hz to 10kHz Z540 CALIBRATION RoHS Compliant: NA 240 x 128 pixel format, CFL Backlight with power harness 128 x 64 pixel format, LED or EL Backlight available Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle CONN RJ-12 SHIELDED ER 6C 1#16 5#12 PIN PLUG MB 32C 32#20 PIN RECP RELAY SSR SPST-NO 280VAC1.5A SIP Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Features:Aluminium Foil/Polyester; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes 2-Wire Serial EEPROM |